PART |
Description |
Maker |
0022282048 22-28-2048 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Backwalls Removed 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, with Backwalls Remove 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, with Backwalls Rem
|
Molex Electronics Ltd.
|
0022282049 22-28-2049 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, with Backwalls Removed 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating, with Backwalls Remove 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating, with Backwalls Rem
|
Molex Electronics Ltd.
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM48L16031BT-GLZ_Y_0 KM44L32031BT-GLZ_Y_0 KM416L80 |
Dual Wide Bandwidth High Output Drive Single Supply Op Amp With Shutdown 14-PDIP 0 to 70 Enhanced Product 10-Bit Analog-To-Digital Converters W/Serial Control & 11 Analog Inputs 20-SOIC -40 to 125 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC 0 to 70 Quad, Micropower, LinCMOS(TM) Comparator 14-CDIP -55 to 125 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP 0 to 70 Quad Wide Bandwidth High Output Drive Single Supply Op Amp 16-SOIC 0 to 70 Enclosures; For Use With:PC30/25-1 USA Cardmaster Polycarbonate Enclosure; Approval Bodies:UL, CSA; External Height:11.4"; External Width:7.5"; Features:Impact Resistant EN 50102; UV Resistant to UL 508 RoHS Compliant: Yes Enclosure; For Use With:PC17/16-L3, -3, -LFC3, FC3 Cardmaster Polycarbonate Enclosure; Approval Bodies:UL, CSA; External Height:5.4"; External Width:5.2"; Features:Impact Resistant EN 50102; UV Resistant to UL 508 Dual Wide Bandwidth High Output Drive Single Supply Op Amp With Shutdown 14-SOIC 0 to 70 128MB DDR SDRAM 8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 20-SOIC 128MB DDR SDRAM Low Noise Precision Rail-To-Rail Output Operational Amplifier 8-PDIP 0 to 70 128MB DDR SDRAM DIODE ZENER SINGLE 500mW 5.6Vz 0.05mA-Izt 0.05 2uA-Ir 4 SOD-123 3K/REEL 128MB DDR SDRAM 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SOIC 128MB DDR SDRAM DIODE ZENER DUAL COMMON-CATHODE 300mW 5.6Vz 5mA-Izt 0.0714 0.1uA-Ir 1 SOT-23 3K/REEL 128MB DDR SDRAM DIODE ZENER SINGLE 200mW 5.6Vz 0.05mA-Izt 0.05 2uA-Ir 4 SOD-323 3K/REEL 128MB DDR SDRAM 8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 20-PDIP 128MB DDR SDRAM DIODE ZENER DUAL COMMON-CATHODE 300mW 51Vz 5mA-Izt 0.0588 0.1uA-Ir 38 SOT-23 3K/REEL 128MB DDR SDRAM 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-SOIC 128MB DDR SDRAM 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-PLCC -40 to 125 128MB DDR SDRAM DDR SDRAM Specification Version 1.0 DDR SDRAM的规范版.0 Dual Wide Bandwidth High Output Drive Single Supply Op Amp With Shutdown 14-PDIP -40 to 125 128MB DDR SDRAM 128Mb DDR SDRAM 128MB DDR SDRAM 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 128MB DDR SDRAM 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 128MB DDR SDRAM DDR SDRAM Specification Version 1.0 128Mb DDR SDRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd. http://
|
|